Part Number Hot Search : 
APTDF400 CXOMHT M52307 2SC5421 JANTX1N PH8230E CH5298 D2SB6
Product Description
Full Text Search
 

To Download E39-R9 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2 photoelectric sensor with built-in amplifier e3z compact sensor offers long sensing distance and superior noise-immunity h photo-ic provides long sensing distance: 15 m for through-beam, 4 m for retroreflective, and 1 m for diffuse h integrated photo-ic improves noise immunity to interference from inverters and other inductive loads h new injection molding technology assures ip67 rating to withstand water and dust h switch-selectable, light-on/dark-on operation h m8 connecto r-ready and 2-m, pre-wired models h npn or pnp output models available ordering information j sensors sensing method light source appearance connection h d sensing d i part number s e n s i n g m e t h o d l i g h t s o u r c e a p p e a r a n c e c o n n e c t i o n method s e n s i n g distance npn output pnp output through-beam ir pre-wired 15 m e3z-t61 e3z-t81 g connector e3z-t66 e3z-t86 polarized r e t r o r e f l e c t i v e red (see note 1.) pre-wired 100 mm to 4 m 1 0 0 m m t o 3 m e3z-r61 e3z-r81 re t rore f l ec t i ve connector 1 0 0 mm t o 3 m (see note 2.) e3z-r66 e3z-r86 diffuse reflective ir pre-wired 5to100mm e3z-d61 e3z-d81 d i f f u s e r e f l e c t i v e i r connector 5 t o 1 0 0 m m (wide view) e3z-d66 e3z-d86 pre-wired 1m e3z-d62 e3z-d82 connector 1 m e3z-d67 e3z-d87 note: 1. the reflector is sold separately. select the reflector model most suited to the application. 2. sensing distance can be extended to 4 meters when the e39-r1s reflector is used. the sensing distance is 3 meters when the e39-r1 reflector is used.
e3z e3z 3 j accessories (order separately) slit for through-beam models (e3z- -t jj ) order a slit for each emitter and receiver. slit width sensing distance (typical) minimum sensing object (typical) part number 0.5 mm dia. 50 mm 0.5 mm dia. e39-s65a 1mmdia. 200 mm 1mmdia. e39-s65b 2mmdia. 800 mm 2mmdia. e39-s65c 0.5
e3z e3z 4 m8 connectors appearance cable type part number straight 2 m (6.56 ft) four-wire type xs3f-m421-402-a s t r a i g h t 5 m (16.40 ft) f o u r w i r e t y p e xs3f-m421-405-a right angle 2 m (6.56 ft) xs3f-m422-402-a r i g h t a n g l e 5 m (16.40 ft) xs3f-m422-405-a specifications item sensing method through-beam polarized retroreflective diffuse reflective i t e m npn output e3z-t61/t66 e3z-r61/r66 e3z-d61/d66 e3z-d62/d67 pnp output e3z-t81/t86 e3z-r81/r86 e3z-d81/d86 e3z-d82/d87 sensing distance 15 m 100 mm (4 m note 1) (when using e39-r1s) 100 mm (3 m note 2) (when using e39-r1) white paper (100 ! 100 mm): 100 mm white paper (300 ! 300 mm): 1m standard sensing object opaque: 12 mm (dia. min.) opaque: 75 mm (dia. min.) --- hysteresis --- 20% max. of setting distance directional angle both emitter and receiver: 3 to 15 ! 2to10 ! --- light source (wave length) infrared led (860 nm) red led (680 nm) infrared led (860 nm) power supply voltage 12 to 24 vdc " 10% including 10% (p-p) max. ripple current consumption emitter: 15 ma receiver: 20 ma 30 ma max. control output 100 ma max. at 26.4 vdc, open collector output (residual voltage: 1 v max.) l-on/d-on, switch selectable circuit protection load short-circuit and reversed power supply protection reversed power supply connection, output short-circuit, and mutual interference protection response time 1msmax. sensitivity adjustment one-turn potentiometer ambient i l l u m i n a t i o n incandescent lamp 3,000 lux max. illumination (receiver side) sunlight 10,000 lux max. ambient operating -- 2 5 ! cto55 ! c(--13 ! f to 131 ! f) a m b i e n t temperature storage -- 4 0 ! cto70 ! c(--40 ! f to 158 ! f) with no icing or condensation ambient operating 35% to 85% a m b i e n t humidity storage 35% to 95% with no condensation insulation resistance 20 m # min. at 500 vdc dielectric strength 1,000 vac, 50/60 hz for 1 min vibration resistance 10 to 55 hz, 1.5-mm double amplitude or 300 m/s 2 for 2 hours each in x, y, and z axes shock resistance destruction 500 m/s 2 3 times each in x, y, and z axes enclosure rating ip67 (iec60529) approvals ce connection method 2 m cable or m8 connector indicator operation indicator (orange) stability indicator (gr een) emitter has power indicator (orange) only weight pre-wired cable (2 m) approx. 120 g (4.2 oz) approx. 65 g (2.3 oz) w e i g h t (packed state) connector approx. 30 g (1.1 oz) approx. 20 g (0.7 oz) material case: pbt (polybutylene terephthalate); lens: methacrylate resin accessories instruction manual (order reflector and mounting bracket separately.) note: 1. sensing distance can be extended up to 4 meters when the e39-r1s reflector is used. 2. sensing distance can be extended up to 3 meters when the e39-r1 reflector is used.
e3z e3z 5 nomenclature diffuse-reflective models e3z-d6 j stability indicator (green) operation selector operation indicator (orange) sensitivity adjuster through-beam models e3z-t6 j receiver retroreflective models e3z-r6 j operation j output circuits model e3z-t61/-t66/-r61/-r66/-d61/-d66/-d62/-d67 npn output through-beam receiver retroreflective model diffuse reflective model through-beam emitter operation indicator stability indicator main circuit orange green 100 ma max. load (relay) brown black blue control output 12 to 24 vdc 0v power indicator (orange) main circuit 12 to 24 vdc brown blue model e3z-t81/-t86/-r86/-d81/-d86/-d82/-d87 pnp output through-beam receiver retroreflective model diffuse reflective model through-beam emitter operation indicator stability indicator main circuit orange green brown black blue control output 12 to 24 vdc 100 ma max. 0v load (relay) power indicator (orange) main circuit 12 to 24 vdc brown blue connector pin arrangement pin 2 is open. pins 2, 4 are open. j timing charts incident on operation indicator (orange) output transistor load (relay) interrupted off on off operate reset (between blue and black) incident on operation indicator (orange) output transistor load (relay) interrupted off on off operate reset (between blue and black) dark-on (d-on) operation light-on (l-on) operation
e3z e3z 6 j connector pin-out wire colors brown white blue black xs3f-m421-402-a xs3f-m421-405-a xs3f-m422-402-a xs3f-m422-405-a classification wire color connector p in no. use dc brown a power supply (+v) d c white b pin 2 is not used. blue c power supply (0 v) black d output note: the through-beam emitter does not use p ins 2 and 4. engineering data j parallel operating range (typical) through-beam models e3z-t j 1(t j 6) distance y (mm) through-beam models e3z-t j 1(t j 6) and slit distance y (mm) retroreflective models e3z-r j 1(r j 6) and reflector distance y (mm) distance x (m) 2-dia. slit 1-dia. slit slit: 0.5 x 10 slit: 2 x 10 e39-rs1 e39-rs2 e39-rs3 e39-r3 e39-r1 e39-r1s e39-r2 slit: 1 x 10 distance x (m) distance x (m) j operating range (typical) distance y (mm) distance y (mm) white drawingpaper sus (glossy surface) black carbon diffuse reflective models e3z-d j 1(d j 6) diffuse reflective models e3z-d j 2(d j 7) distance x (mm) distance x (m) sus (glossy surface) white drawingpaper black carbon
e3z e3z 7 j excess gain ratio vs. distance (typical) through-beam models e3z-t j 1(t j 6) excess gain ratio distance x (m) distance x (m) retroreflective models e3z-r j 1(r j 6) and reflector diffuse reflective models e3z-d j 1(d j 6) distance x (mm) diffuse reflective model e3z-d j 2(d j 7) distance x (m) e39-r3 e39-r1 e39-r1s e39-r2 excess gain ratio excess gain ratio excess gain ratio sensing target: 100 x 100 mm white paper sensing target: 300 x 300 mm white paper sensing target size vs. sensing distance (typical) distance (mm) distance (m) black paper white paper black paper side length (one side) of sensing target: d (mm) side length (one side) of sensing target: d (mm) diffuse reflective models e3z-d j 1(d j 6) diffuse reflective models e3z-d j 2(d j 7) white paper sus (glossy surface) sus (glossy surface)
e3z e3z 8 dimensions unit: mm (inch) j sensors through-beam (pre-wired models) through-beam (connector models) optical axis lens power indicator (orange) vinyl-insulated round cable with two conductors, 4 dia. (0.2 mm 2 with 1.1-dia. insulator); standard length: 2m emitter operation selector sensing adjuster optical axis lens receiver optical axis lens power indicator (orange) m8 connector emitter operation selector sensing adjuster optical axis lens receiver m8 connector power indicator (orange) power indicator (orange) stability indicator (green) stability indicator (green) vinyl-insulated round cable with three conductors, 4 dia. (0.2 mm 2 with 1.1-dia. insulator); standard length: 2m tw o , m 3 tw o , m 3 two , m3 two , m3 retroreflective models (pre-wired models) retroreflective models (connector models) two, 7-dia. lenses operation selector sensing adjuster optical axis stability indicator (green) vinyl-insulated round cable with three conductors, 4 dia. (0.2 mm 2 with 1.1-dia. insulator); standard length: 2m tw o , m 3 emitter receiver power indicator (orange) m8 connector power indicator (orange) operation selector sensing adjuster stability indicator (green) two, 7-dia. lenses receiver optical axis emitter two , m3 20 (0.79) 10.8 (0.43) 31 (1.22) e3z-t61 e3z-t81 e3z-t66 e3z-t86 e3z-r61 e3z-r81 diffuse reflective models (pre-wired models) e3z-d61 e3z-d62 e3z-d81 e3z-d82 e3z-r66 e3z-r86 diffuse reflective models (connector models) e3z-d66 e3z-d67 e3z-d86 e3z-d87 20 (0.79) 10.8 (0.43) 31 (1.22) 20 (0.79) 10.8 (0.43) 31 (1.22) 20 (0.79) 10.8 (0.43) 31 (1.22) 20 (0.79) 10.8 (0.43) 31 (1.22) 20 (0.79) 10.8 (0.43) 31 (1.22) 17 (0.67) 17 (0.67) 17 (0.67) 17 (0.67) 17 (0.67) 17 (0.67)
e3z e3z 9 unit: mm (inch) j slits e39-s65d e39-s65e e39-s65f side a material sus301 stainless steel model e39-s65a e39-s65b e39-s65c 0.5 dia. 1.0 dia. 2.0 dia. side a material sus301 stainless steel model e39-s65d e39-s65e e39-s65f 0.5 1.0 2.0 e39-s65a e39-s65b e39-s65c 32.2 (1.27) 32.2 (1.27) 10.4 (0.41) 10.4 (0.41) 15.5 (0.61) 15.5 (0.61) material surface: acrylic resin backside: abs resin two, 3.5 dia. j reflectors e39-r1 e39-r1s 40.3 (1.59) 59.9 (2.36) 7.5 (0.30) 5.2 (2.05) 2.7 (0.11) 34 (1.34) 1.6 (0.06) e39-r2 material surface: acrylic resin backside: abs resin four, 3.5 dia. 80.8 (3.18) 74.5 (2.93) 59.9 (2.36) 52 (2.05) 1.6 (0.06) 7.5 (0.30) 34 (1.34) 7 (0.28) 6.5 (0.26) 7 7 8 2.7 (0.11) E39-R9 42.3 (1.67) 21 15 25 (0.98) 35.4 (1.39) 8 (0.31) 3.5 (0.14) 5.5 (0.22) material reflecting surface: acrylic resin back: abs resin 30.9 (1.22) 4 (0.16) 8 (0.31)
e3z e3z 10 e39-r10 material reflecting surface: acrylic resin back: abs resin 61.4 (2.42) 30.4 (1.20) 5 (0.20) 8 (0.31) 10 (0.39) 30 (1.18) 40 (1.57) 51.6 (2.03) 3.5 (0.14) 5.5 (0.22) 47 (1.85) j miniature reflector tw o , m 3 sus304 stainless steel adhesive tape side tw o , 3.2 dia. material surface: acrylic resin backside: abs resin e39-r3 41.8 (1.65) 25.4 (1.00) 22.5 (0.89) 34.8 (1.37) 38 (1.50) 34 (1.34) 22.9 (0.90) 16 (0.63) 10.1 (0.40) 1.2 19.3 3.4 2.6 1.2 10 ! 18.45 7 3.4 4.5 6 3.4 29 (1.14) 0.2 0.2 11 14 ! 13.7 (0.54) 20 (0.79) j tape reflectors e39-rs2 e39-rs3 adhesive tape side adhesive tape side adhesiv e tape sid e material: acrylic resin material: acrylic resin material: acrylic resin e39-rs1 35 (1.38) 40 (1.57) 35 (1.38) 0.6 (0.02) 80 (3.15) 70 (2.76) 0.6 (0.02) 0.6 (0.02) 10 (0.39)
e3z e3z 11 j mounting brackets with mounting bracket (e3z-d62) e39-l43 with mounting bracket (e3z-d62) material: sus304 stainless steel material: sus304 stainless steel e39-l104 two, 3.2 dia. tw o , m 3 29 (1.14) 13.7 (0.54) 13.7 (0.54) 7 (0.28) 29 (1.14) 16 (0.63) 39 (1.54) 8.8 (0.35) 38.3 (1.51) 1.2 (0.05) 25.4 (1.00) optical axis 37.8 tw o , m 3 four, 3.2 dia. optical axis 13 (0.51) 3.5 (0.14) 30 (1.18) 3.5 (0.14) 7.5 (0.3) 15 (0.59) 25.4 (1.00) 40 (1.57) 30 (1.18) 3.5 (0.14) 3.5 (0.14) 40 (1.57) 15 (0.59) 7.5 (0.3) 25.4 (1.00) 1.2 (0.05) unit: mm (inch) 31 (1.22) 20 (0.79) 13 (0.51) e39-l44 material: sus304 stainless steel with mounting bracket (e3z-d62) optical axis tw o , m3 3.2 dia. 16.2 (0.64) 8.7 (0.34) 1.2 (0.05) 9 (0.35) 18 (0.71) 23.2 (0.91) 31.2 (1.23) 36 (1.42) 36 (1.42) 31.2 (1.23) 23.2 (0.91) 25.4 (1.00) 8.7 (0.34) 16.2 (0.64) 18 (0.71) 9 (0.35) 20 (0.79) 35.3 (1.39) 31 (1.22) 14.1 (0.56) 10.8 (0.43)
e3z e3z 12 material: sus304 stainless steel 25 (0.98) 23 (0.91) 14.2 (0.56) 38.5 (1.52) 1.5 (0.06) 25.4 (1.00) optical axis 2-50 ! 5 ! 21 20 (0.79) 10.5 (0.41) 12.3 (0.48) 3.5 (0.14) 25.4 (1.00) 7.3 (0.28) with sensor (example: e3z-l61) e39-l144 material: sus304 stainless steel 15.8 (0.62) 14 (0.55) 8.7 (0.34) 7 22 (0.87) 55 (0.22) 37 (1.46) 1.5 (0.06) 14 (0.55) 25.4 (1.00) 15.3 (0.60) 4.5 4.5 4.0 7.8 12 (0.47) 5.0 6.9 (0.27) 28 (1.10) 14 ! optical axis four 3.4 dia. 4.5 with sensor (example: e3z-l61) e39-l142
e3z e3z 13 e39-l93 unit: mm (inch) e39-l98 material: sus304 stainless steel mounting holes tw o , m 6 56 dia. (2.2) screw provided 61 (2.4) 16 (0.63) 56 (2.2) 34(1.34) 20 (0.79) (1.73 | 0.01) 25.4 (1.00) 35.3 (5.33)
e3z e3z 14 straight xs3f-m421-402-a (l=2 m) xs3f-m421-405-a (l=5 m) right angle xs3f-m422-402-a (l=2 m) xs3f-m422-405-a (l=5 m) j m8 connector cordsets 4 (0.16) dia. 9dia. (0.35) 21.5 (0.85) 31.4 (1.24) 50 (1.97) 30 20.5 (0.81) 23.1 (0.91) 4 (0.16) dia. 50 (1.97) 9 (0.35) dia. 2.15 0.5 3.4 1.95 30 5 5 precautions to ensure safe sensor operation, please follow the following precautions: j wiring power supply voltage make sure that the power supply to the sensor is within the rated voltage range. load short-circuiting do not short-circuit the load, or the sensor may be damaged. polarity correct polarity wiring is required to prevent damage to the sensor. connection without load do not connect power supply to the sensor with no load connected, or the internal elements may explode or burn. j operating environment do not use the sensor in locations with explosive or flammable gas. j settings power reset time the sensor is ready to operate 100 ms after the sensor is turned on. if the load and sensor are connected to independent power supplies respectively, be sure to turn on the sensor before turning the load on. j connections m8 metal connector $ turn off power before disconnecting the sensor. $ remove the connector cover before connecting or discon- necting the metal connector. $ secure the connector cover by hand. do not use any pliers, or the connector may be damaged. $ the proper tightening torque range is between 0.3 and 0.4 n s m. be sure to tighten the connector securely in order to maintain the the specified degree of protection and to keep the connector from loosening due to vibration. j mounting use m3 screws to mount the sensor and tighten each screw to a maximum torque of 0.53 n s m. e3z- jjj e39-l104 mounting bracket (sold separately)
e3z e3z 15 j adjustment slits for through-beam models (e39-s65a/b/c/d/e/f) sold separately hook protruding portion lower indented portion upper indented mounting portion sensor slit mounting method 1. hook the upper protruding portion of the slit to the upper indented mounting portion of the sensor and adjust the posi- tion of the slit so that the slit will be in parallel to the lens side of the sensor. 2. press the lower p rotruding portion of the slit onto the indented mounting portion of the sensor until the slit snaps in. mounting condition side view front view removal method 1. press the upper portion of the slit. 2. disconnect the lower p rotruding portion of the slit from the sensor and remove the slit. c a t . n o . ce dsa x4 1 1 / 01 s p e c i f i c a t i o n s s u b j e c t t o c h a n g e w i t h o u t n o t i c e . p r i n t e d i n u . s . a . o m r o n e l e c t r o n i c s l l c o n e e a s t c o m m e r c e d r i v e s c h a u m b u r g , i l 60173 n o t e : d i m e n s i o n s s h o w n a r e i n m i l l i m e t e r s . to c o n v e r t m i l l i m e t e r s t o i n c h e s d i v i d e b y 2 5 . 4 . 1 - 8 0 0 - 5 5 - o m r o n o m r o n canada , i n c . 8 8 5 m i l n e r a v e n u e s c a r b o r o u g h , o n t a r i o m 1 b 5 v 8 4 1 6 - 2 8 6 - 6 4 6 5 r o m r o n o n -- l i n e g l o b a l -- h t t p : / / w w w . o m r o n . c o m u s a -- h t t p : / / w w w . o m r o n . c o m / o e i c a n a d a -- h t t p : / / w w w . o m r o n . c o m / o c i


▲Up To Search▲   

 
Price & Availability of E39-R9

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X